PART |
Description |
Maker |
CMR05C2R5DODP CMR04C2R5DODP CMR04F271GPCR CMR05C12 |
CAPACITOR, MICA, 500 V, 0.0000025 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 300 V, 0.00027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00016 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00013 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00018 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000062 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00039 uF, THROUGH HOLE MOUNT RADIAL LEADED CAP,Mica,6pF,500VDC,.5-pF Tol,.5 Tol,-200,200ppm-TC CAPACITOR, MICA, 500 V, 0.000006 uF, THROUGH HOLE MOUNT
|
Cornell Dubilier Electronics, Inc.
|
EPC1194G-1 EPC1194G-3 EPC1194G-2 EPC1194G-4 EPC119 |
500 mW DC/DC Converter
|
PCA ELECTRONICS INC.
|
EPC1193G-X |
500 mW DC/DC Converter
|
PCA ELECTRONICS
|
SPT7750AIK |
8-bit, 500 MSPS A/D converter
|
SPT Signal Processing Technologies
|
HI1276AIL HI1276 HI1276-EV |
8-Bit, 500 MSPS, Flash A/D Converter
|
INTERSIL[Intersil Corporation]
|
IB054E120T40P2-00 IB054E120T40P1-00 IB054E120T40N1 |
4:1 Intermediate Bus Converter Module: Up to 500 W Output
|
Vicor Corporation
|
TDA8776 TDA8776K |
10-bit, 500 Msps Digital-to-Analog Converter DAC
|
Philips Semiconductors
|
TDA8776K TDA8776 |
10-bit, 500 Msps Digital-to-Analog Converter DAC
|
PHILIPS[Philips Semiconductors]
|
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
1N751A 1N755A 1N750A 1N757A 1N746A 1N749A 1N752A 1 |
500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,5.1V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,7.5V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,4.7V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,9.1V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,4.3V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,5.6V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,6.2V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,6.8V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,8.2V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,10V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,12V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,3.3V齐纳电压,玻璃齐纳稳压二极管) 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,3.9V齐纳电压,玻璃齐纳稳压二极管) 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
ON Semiconductor
|
SI9122 SI9122DQ-T1 |
500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers
|
VISAY[Vishay Siliconix]
|
SI9123 |
500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control 500千赫半桥型DC - DC与集成的次级同步整流控制转换
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
|